전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9148-EBZ 데이터시트(PDF) 13 Page - Analog Devices

부품명 AD9148-EBZ
상세설명  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9148-EBZ 데이터시트(HTML) 13 Page - Analog Devices

Back Button AD9148-EBZ Datasheet HTML 9Page - Analog Devices AD9148-EBZ Datasheet HTML 10Page - Analog Devices AD9148-EBZ Datasheet HTML 11Page - Analog Devices AD9148-EBZ Datasheet HTML 12Page - Analog Devices AD9148-EBZ Datasheet HTML 13Page - Analog Devices AD9148-EBZ Datasheet HTML 14Page - Analog Devices AD9148-EBZ Datasheet HTML 15Page - Analog Devices AD9148-EBZ Datasheet HTML 16Page - Analog Devices AD9148-EBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 13 of 73
Pin No.
Mnemonic
Description
K11, J11
B11_P/B11_N
LVDS Data Input Pair, Port B.
M12, L12
B12_P/B12_N
LVDS Data Input Pair, Port B.
K12, J12
B13_P/B13_N
LVDS Data Input Pair, Port B.
M13, L13
B14_P/B14_N
LVDS Data Input Pair, Port B.
M14, L14
B15_P/B15_N
LVDS Data Input Pair, Port B (MSB).
K2, J2
DCIB_P/DCIB_N
LVDS Data Clock Input Pair for Port B.
K1, J1
FRAMEB_P/FRAMEB_N
LVDS Frame Input for Port B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73