| 전자부품 데이터시트 검색엔진 |
|
HAL502 데이터시트(PDF) 2 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
HAL502 데이터시트(HTML) 2 Page - Micronas |
|
2 / 2 page ![]() PRODUCT INFORMATION HAL 5xy Sept/2006 All information and data contained in this product information are without any commitment, are not to be consid- ered as an offer for conclusion of a contract, nor shall they be construed as to create any liability. Product or development sample availability and delivery are exclusively subject to our respective order confirmation form. By this publication, Micronas GmbH does not assume responsibility for patent infringements or other rights of third parties which may result from its use. Micronas GmbH ⋅ Hans-Bunte-Strasse 19 ⋅ D-79108 Freiburg (Germany) ⋅ P.O. Box 840 ⋅ D-79008 Freiburg (Germany) Tel. +49-761-517-0 ⋅ Fax +49-761-517-2174 ⋅ E-mail: docservice@micronas.com ⋅ www.micronas.com No part of this publication may be reproduced, photo- copied, stored on a retrieval system, or transmitted without the express written consent of Micronas GmbH. Edition Sept. 26, 2006; Order No. 6251-712-1PI Available Types and Switching Behavior Features HAL 501 HAL 502 HAL 503 HAL 504 HAL 505 HAL 506 HAL 508 HAL 509 HAL 516 HAL 519 HAL 523 Switching Behavior bipolar latching latching unipolar latching unipolar unipolar unipolar unipolar with inverted output unipolar with inverted output (north polarity) unipolar Sensitivity very high high medium medium low high medium low high high low System Architecture The HAL 5xy sensors are monolithic inte- grated circuits which switch in response to magnetic fields. If a magnetic field with flux lines perpendicular to the sensitive area is applied to the sensor, the biased Hall plate forces a Hall voltage proportional to this field. The Hall voltage is compared with the actual threshold level in the comparator. The temperature-dependent bias increases the supply voltage of the Hall plates and adjusts the switching points to the decreas- ing induction of magnets at higher tempera- tures. If the magnetic field exceeds the threshold levels, the open drain output switches to the appropriate state. The built- in hysteresis eliminates oscillation and pro- vides switching behavior of the output with- out bouncing. HAL 5xy Temperature Dependent Bias Switch Hysteresis Control Comparator Output VDD 1 OUT 3 Clock Hall Plate GND 2 Short Circuit & Overvoltage Protection Reverse Voltage & Overvoltage Protection Fig. 1: Block diagram of the HAL 5xy |