전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

T-20198 데이터시트(PDF) 1 Page - Rhombus Industries Inc.

부품명 T-20198
상세설명  SURFACE MOUNT CURRENT SENSE TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RHOMBUS-IND [Rhombus Industries Inc.]
홈페이지  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-20198 데이터시트(HTML) 1 Page - Rhombus Industries Inc.

  T-20198 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane,
Huntington Beach, CA 92649-1595
Phone: (714) 898-0960
FAX: (714) 896-0971
www.rhombus-ind.com
1 OF 1
7/17/02
T-20198
SURFACE MOUNT
CURRENT SENSE TRANSFORMER
Dimensions in
inches (mm)
.490 + .015
(12.45 + .38)
.575
(14.61)
Max.
.280
(7.11)
Max.
.410 + .015
(10.41 + .38)
.495
(12.57)
Max.
Footprint
.410
(10.41)
.400
(10.16)
.500
(12.70)
.100
(2.54)
.040
(1.02)
4 PL.
.030
(0.77)
.100
(2.54)
2 PL.
3
6
4
1
5
2
SCHEMATIC
DIAGRAM
5
1
2
3
4
SEC. TURNS
1 TURN
1 TURN
6
-Self-leaded, Surface Mount
-Suited for IR and Vapor Phase Reflow Soldering
-Designed for Switching Power Supply Applications
-Operating Temperature Range: -400C to +850C
-Frequency Range: 20 kHz or greater.
PARAMETER
MIN.
MAX.
UNITS
Secondary Inductance
14.8
mH
Secondary DC Resistance
.93
ohms
Isolation (HI-POT)
500
V
RMS
Current
16.3
Amps
Secondary Turns (SEC.)
100
Inductance is measured at 100 kHz, 20 mV rms.
Reference values are for the one turn winding connected in parallel for unipolar
operation at 200 kHz.


유사한 부품 번호 - T-20198

제조업체부품명데이터시트상세설명
logo
Rhombus Industries Inc.
T-20197 RHOMBUS-IND-T-20197 Datasheet
31Kb / 1P
SURFACE MOUNT CURRENT SENSE TRANSFORMER
3/21/98
T-20199 RHOMBUS-IND-T-20199 Datasheet
31Kb / 1P
SURFACE MOUNT CURRENT SENSE TRANSFORMER
3/21/98
More results

유사한 설명 - T-20198

제조업체부품명데이터시트상세설명
logo
ice Components, Ins.
CT03 ICE-CT03 Datasheet
262Kb / 1P
Current Sense Transformer
logo
Rhombus Industries Inc.
T-806 RHOMBUS-IND-T-806 Datasheet
29Kb / 1P
CURRENT SENSE TRANSFORMER
6/18/96
logo
PCA ELECTRONICS INC.
EPA3918 PCA-EPA3918 Datasheet
35Kb / 1P
Current Sense Transformer
logo
Rhombus Industries Inc.
T-20197 RHOMBUS-IND-T-20197 Datasheet
31Kb / 1P
SURFACE MOUNT CURRENT SENSE TRANSFORMER
3/21/98
T-20199 RHOMBUS-IND-T-20199 Datasheet
31Kb / 1P
SURFACE MOUNT CURRENT SENSE TRANSFORMER
3/21/98
logo
ice Components, Ins.
CT05 ICE-CT05 Datasheet
401Kb / 1P
Current Sense Transformer
CT05-050 ICE-CT05-050 Datasheet
401Kb / 1P
Current Sense Transformer
logo
XFMRS Inc.
XF0203-CSVP XFMRS-XF0203-CSVP Datasheet
38Kb / 1P
Current Sense Transformer
logo
ZETTLER Electronics
ACST-200 ZETTLER-ACST-200 Datasheet
133Kb / 2P
CURRENT SENSE TRANSFORMER
logo
TT Electronics.
HM30 TTELEC-HM30 Datasheet
101Kb / 1P
Surface Mount Current Sense
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com