| 전자부품 데이터시트 검색엔진 |
|
TMP320C6727BRFP300 데이터시트(PDF) 69 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP320C6727BRFP300 데이터시트(HTML) 69 Page - Texas Instruments |
|
69 / 118 page ![]() UHPI_HCS UHPI_HAS UHPI_HCNTL[1:0] UHPI_HRW UHPI_HHWIL HSTROBE(A) UHPI_HD[15:0] UHPI_HRDY 34 5 17 18 17 18 34 5 4 38 37 13 16 15 14 13 16 15 37 35 TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720 Floating-Point Digital Signal Processors www.ti.com SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008 A. See Figure 4-14. B. Depending on the type of write or read operation (HPID without auto-incrementing, HPIA, HPIC, or HPID with auto-incrementing) and the state of the FIFO, transitions on UHPI_HRDY may or may not occur. Figure 4-24. Multiplexed Write Timings With UHPI_HAS Held High Submit Documentation Feedback Peripheral and Electrical Specifications 69 |