전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP320C6727BRFP300 데이터시트(PDF) 105 Page - Texas Instruments

부품명 TMP320C6727BRFP300
상세설명  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6727BRFP300 데이터시트(HTML) 105 Page - Texas Instruments

Back Button TMP320C6727BRFP300 Datasheet HTML 101Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 102Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 103Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 104Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 105Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 106Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 107Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 108Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 118 page
background image
BOARD
DVDD (3.3 V)
EMI
Filter
10 mF
0.1 mF
PLLHV
Place Filter and Capacitors as Close
to DSP as Possible
EMI Filter: TDK ACF451832−333, −223, −153, or −103,
Panasonic EXCCET103U, or Equivalent
+
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
Table 4-42. Allowed PLL Operating Conditions
ALLOWED SETTING OR RANGE
PARAMETER
DEFAULT VALUE
MIN
MAX
1
PLLRST = 1 assertion time during initialization
N/A
125 ns
2
Lock time before setting PLLEN = 1. After changing D0, PLLM, or
N/A
187.5 µs
input clock.
3
PLL input frequency (PLLREF after D0(1))
12 MHz
50 MHz
4
PLL multiplier values (PLLM)
x13
x4
x25
5
PLL output frequency (PLLOUT before dividers D1, D2, D3)(2)
N/A
140 MHz
600 MHz
6
SYSCLK1 frequency (set by PLLM and dividers D0, D1)
PLLOUT/1
Device Frequency
Specification
7
SYSCLK2 frequency (set by PLLM and dividers D0, D2)
PLLOUT/2
/2, /3, or /4 of SYSCLK1
8
SYSCLK3 frequency (set by PLLM and dividers D0, D3)
PLLOUT/3
EMIF Frequency
Specification
(1)
Some values for the D0 divider produce results outside of this range and should not be selected.
(2)
In general, selecting the PLL output clock rate closest to the maximum frequency will decrease clock jitter.
CAUTION
SYSCLK1, SYSCLK2, SYSCLK3 must be configured as aligned by setting ALNCTL[2:0]
to '1'; and the PLLCMD.GOSET bit must be written every time the dividers D1, D2, and
D3 are changed in order to make sure the change takes effect and preserves
alignment.
CAUTION
When changing the PLL parameters which affect the SYSCLK1, SYSCLK2, SYSCLK3
dividers, the bridge BR2 in Figure 2-4 must be reset by the CFGBRIDGE register. See
Table 2-7.
The PLL is an analog circuit and is sensitive to power supply noise. Therefore it has a dedicated 3.3-V
power pin (PLLHV) that should be connected to DVDD at the board level through an external filter, as
illustrated in Figure 4-44.
Figure 4-44. PLL Power Supply Filter
Submit Documentation Feedback
Peripheral and Electrical Specifications
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com