전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAP65LX 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 BAP65LX
상세설명  Silicon PIN diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAP65LX 데이터시트(HTML) 2 Page - NXP Semiconductors

  BAP65LX Datasheet HTML 1Page - NXP Semiconductors BAP65LX Datasheet HTML 2Page - NXP Semiconductors BAP65LX Datasheet HTML 3Page - NXP Semiconductors BAP65LX Datasheet HTML 4Page - NXP Semiconductors BAP65LX Datasheet HTML 5Page - NXP Semiconductors BAP65LX Datasheet HTML 6Page - NXP Semiconductors BAP65LX Datasheet HTML 7Page - NXP Semiconductors BAP65LX Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BAP65LX_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 11 December 2007
2 of 8
NXP Semiconductors
BAP65LX
Silicon PIN diode
4.
Marking
5.
Limiting values
6.
Thermal characteristics
7.
Characteristics
Table 3.
Marking
Type number
Marking code
BAP65LX
LF
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
30
V
IF
forward current
-
100
mA
Ptot
total power dissipation
Tsp = 90 °C
-
135
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-sp)
thermal resistance from junction
to solder point
78
K/W
Table 6.
Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 50 mA
-
0.9
1.1
V
IR
reverse current
VR =20V
-
-
20
nA
Cd
diode capacitance
see Figure 1; f = 1 MHz;
VR = 0 V
-
0.61
-
pF
VR = 1 V
-
0.48
0.85
pF
VR = 3 V
-
0.43
0.7
pF
VR = 20 V
-
0.37
-
pF
rD
diode forward resistance
see Figure 2; f = 100 MHz;
IF = 1 mA
-
0.94
-
IF = 5 mA
-
0.58
0.95
IF = 10 mA
-
0.49
0.9
IF = 100 mA
-
0.35
-



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com