| 전자부품 데이터시트 검색엔진 |
|
CS8421 데이터시트(PDF) 2 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS8421 데이터시트(HTML) 2 Page - Cirrus Logic |
|
2 / 36 page ![]() 2 DS641F4 CS8421 General Description The CS8421 is a 32-bit, high-performance, monolithic CMOS stereo asynchronous sample-rate converter. Digital audio inputs and outputs can be 32, 24, 20, or16 bits. Input and output data can be completely asynchronous, synchronous to an external data clock, or the part can operate without any external clock by using an integrated oscillator. Audio data is input and output through configurable 3-wire input/output ports. The CS8421 does not require any soft- ware control via a control port. Target applications include digital recording systems (DVD-R/RW, CD-R/RW, PVR, DAT, MD, and VTR), digital mix- ing consoles, high-quality D/A, effects processors, computer audio systems, and automotive audio systems. The CS8421 is also suitable for use as an asynchronous decimation or interpolation filter. See Cirrus Logic Appli- cation Note AN270, “Audio A/D Conversion with an Asynchronous Decimation Filter”, available at www.cirrus.com for more details. |