전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSP3044 데이터시트(PDF) 9 Page - Analog Devices

부품명 TSP3044
상세설명  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

TSP3044 데이터시트(HTML) 9 Page - Analog Devices

Back Button TSP3044 Datasheet HTML 5Page - Analog Devices TSP3044 Datasheet HTML 6Page - Analog Devices TSP3044 Datasheet HTML 7Page - Analog Devices TSP3044 Datasheet HTML 8Page - Analog Devices TSP3044 Datasheet HTML 9Page - Analog Devices TSP3044 Datasheet HTML 10Page - Analog Devices TSP3044 Datasheet HTML 11Page - Analog Devices TSP3044 Datasheet HTML 12Page - Analog Devices TSP3044 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 75 page
background image
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
ix
PREFACE
Thank you for purchasing the ADSP-BF506F EZ-KIT Lite®, Analog
Devices, Inc. evaluation system for the ADSP-BF504/BF506(F) Blackfin®
processors.
Blackfin processors embody a new type of embedded processor designed
specifically to meet the computational demands and power constraints of
today’s embedded audio, video, and communications applications. They
deliver breakthrough signal-processing performance and power efficiency
within a reduced instruction set computing (RISC) programming model.
Blackfin processors support a media instruction set computing (MISC)
architecture. This architecture is the natural merging of RISC, media
functions, and digital signal processing (DSP) characteristics. Blackfin
processors deliver signal-processing performance in a microprocessor-like
environment.
Based on the Micro Signal Architecture (MSA), Blackfin processors com-
bine a 32-bit RISC instruction set, dual 16-bit multiply accumulate
(MAC) DSP functionality, and eight-bit video processing performance
that had previously been the exclusive domain of very-long instruction
word (VLIW) media processors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75