전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADP1715ARMZ-R7 데이터시트(PDF) 36 Page - Analog Devices

부품명 ADP1715ARMZ-R7
상세설명  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADP1715ARMZ-R7 데이터시트(HTML) 36 Page - Analog Devices

Back Button ADP1715ARMZ-R7 Datasheet HTML 32Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 33Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 34Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 35Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 36Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 37Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 38Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 39Page - Analog Devices ADP1715ARMZ-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 75 page
background image
System Architecture
2-2
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
System Architecture
This section describes the processor’s configuration on the EZ-KIT Lite
board (Figure 2-1).
The EZ-KIT Lite is designed to demonstrate the ADSP-BF506F Blackfin
processor capabilities. The processor has an I/O voltage of 3.3V. The core
voltage of the processor is controlled by an Analog Devices ADP1715 low
dropout regulator (LDO) and an Analog Devices AD5258 digipot, which
Figure 2-1. System Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75