전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBR130LSFT1G 데이터시트(PDF) 47 Page - Analog Devices

부품명 MBR130LSFT1G
상세설명  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

MBR130LSFT1G 데이터시트(HTML) 47 Page - Analog Devices

Back Button MBR130LSFT1G Datasheet HTML 43Page - Analog Devices MBR130LSFT1G Datasheet HTML 44Page - Analog Devices MBR130LSFT1G Datasheet HTML 45Page - Analog Devices MBR130LSFT1G Datasheet HTML 46Page - Analog Devices MBR130LSFT1G Datasheet HTML 47Page - Analog Devices MBR130LSFT1G Datasheet HTML 48Page - Analog Devices MBR130LSFT1G Datasheet HTML 49Page - Analog Devices MBR130LSFT1G Datasheet HTML 50Page - Analog Devices MBR130LSFT1G Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 75 page
background image
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
2-13
ADSP-BF506F EZ-KIT Lite Hardware Reference
ADC Voltage Reference (JP6)
The ADC voltage reference jumper (JP6) is used to supply a reference
voltage to the ADC. In order to use an external voltage reference, a jumper
must be placed on positions 1 and 2 of JP2. To use the on-board AD780
precision voltage reference, install a jumpers at position 1, 2 and 3, 4. To
supply your own voltage reference, remove all jumpers from JP6 and con-
nect your voltage reference to pins 1 and 3. By default, no jumpers are
installed on JP6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75