| 전자부품 데이터시트 검색엔진 |
|
GSOT03-GS08 데이터시트(PDF) 39 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
GSOT03-GS08 데이터시트(HTML) 39 Page - Analog Devices |
|
39 / 75 page ![]() ADSP-BF506F EZ-KIT Lite Evaluation System Manual 2-5 ADSP-BF506F EZ-KIT Lite Hardware Reference Table 2-2. Port G Programmable Flag Connections Processor Pin Other Processor Function EZ-KIT Lite Function PG0 SPI1_SEL3/TMRCLK/ PPI_CLK/ UA1_RX_ALT/ TACI4 Default: CAN_ERR Land grid array, expansion interface II PG1 SPI1_SEL2/PPI_FS3/ CAN_RX/ TACI5 Default: CAN_RX Land grid array, expansion interface II PG2 SPI1_SEL1/TMR4/CAN_TX/ SPI1_SS Default: CAN_TX Land grid array, expansion interface II PG3 HWAIT/SPI1_SCK/DT1SEC/ UA1_TX_ALT Default: not used Land grid array, expansion interface II PG4 SPI1_MOSI/DR1SEC_ALT/ PWM1_SYNC/TACLK6 Default: SD_WP Land grid array, expansion interface II PG5 SPI1_MISO/TMR7/ PWM1_TRIP Default: SD_CD Land grid array, expansion interface II PG6 PG6 ACM_SGLDIFF/SD_D3/ PWM1_AH Default: ACM_SGLDIFF SD_D3 , land grid array, expansion interface II PG7 ACM_RANGE/SD_D2/PWM1_AL Default: ACM_RANGE SD_D2 , land grid array, expansion interface II PG8 DR1SEC/SD_D1/PWM1_BH Default: ADC_DOUTB SD_D1 , land grid array, expansion interface II PG9 DR1PRI/SD_D0/PWM1_BL Default: ADC_DOUTA SD_D0 , land grid array, expansion interface II PG10 RFS1/SD_CMD/PWM1_CH/ TACI6 Default: ADC_CS SD_CMD , land grid array, expansion interface II PG11 RSCLK1/SD_CLK/PWM1_CL/ TACLK7 Default: ADC_SCLK SD_CLK , land grid array, expansion interface II PG12 UA0_RX/SD_D4/PPI_D15/ TACI2 Default: UART0_RX DS_D4 , land grid array, expansion interface II PG13 UA0_TX/SD_D5/PPI_D14/ CZM1 Default: UART0_TX DS_D5 , land grid array, expansion interface II |