| 전자부품 데이터시트 검색엔진 |
|
SN74LVC1T45DBVRG4 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LVC1T45DBVRG4 데이터시트(HTML) 2 Page - Texas Instruments |
|
2 / 25 page ![]() B DIR 5 4 A 3 VCCA VCCB SN74LVC1T45 SCES515I – DECEMBER 2003 – REVISED MAY 2009 ..................................................................................................................................................... www.ti.com NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the package. ORDERING INFORMATION(1) TA PACKAGE(2) ORDERABLE PART NUMBER TOP-SIDE MARKING(3) NanoFree™ – WCSP (DSBGA) Reel of 3000 SN74LVC1T45YZPR _ _ _TA_ 0.23-mm Large Bump – YZP (Pb-free) Reel of 3000 SN74LVC1T45DBVR SOT (SOT-23) – DBV CT1_ Reel of 250 SN74LVC1T45DBVT –40°C to 85°C Reel of 3000 SN74LVC1T45DCKR SOT (SC-70) – DCK Reel of 250 SN74LVC1T45DCKT TA_ SOT (SOT-533) – DRL Reel of 4000 SN74LVC1T45DRLR (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. (3) DBV/DCK/DRL: The actual top-side marking has one additional character that designates the wafer fab/assembly site. YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following character to designate the wafer fab/assembly site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free). FUNCTION TABLE(1) INPUT OPERATION DIR L B data to A bus H A data to B bus (1) Input circuits of the data I/Os always are active. LOGIC DIAGRAM (POSITIVE LOGIC) 2 Submit Documentation Feedback Copyright © 2003–2009, Texas Instruments Incorporated Product Folder Link(s): SN74LVC1T45 |