전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC10F222I/MC 데이터시트(PDF) 34 Page - Microchip Technology

부품명 PIC10F222I/MC
상세설명  High-Performance Microcontrollers with 8-bit A/D
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F222I/MC 데이터시트(HTML) 34 Page - Microchip Technology

Back Button PIC10F222I/MC Datasheet HTML 30Page - Microchip Technology PIC10F222I/MC Datasheet HTML 31Page - Microchip Technology PIC10F222I/MC Datasheet HTML 32Page - Microchip Technology PIC10F222I/MC Datasheet HTML 33Page - Microchip Technology PIC10F222I/MC Datasheet HTML 34Page - Microchip Technology PIC10F222I/MC Datasheet HTML 35Page - Microchip Technology PIC10F222I/MC Datasheet HTML 36Page - Microchip Technology PIC10F222I/MC Datasheet HTML 37Page - Microchip Technology PIC10F222I/MC Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 86 page
background image
PIC10F220/222
DS41270E-page 32
© 2007 Microchip Technology Inc.
7.9
A/D Acquisition Requirements
For the ADC to meet its specified accuracy, the charge
holding capacitor (CHOLD) must be allowed to fully
charge to the input channel voltage level. The Analog
Input model is shown in Figure 7-1. The source
impedance (RS) and the internal sampling switch (RSS)
impedance directly affect the time required to charge the
capacitor CHOLD. The sampling switch (RSS) impedance
varies over the device voltage (VDD), see Figure 7-1.
The maximum recommended impedance for analog
sources is 10 k
Ω. As the source impedance is
decreased, the acquisition time may be decreased.
After the analog input channel is selected (or changed),
an A/D acquisition must be done before the conversion
can be started. To calculate the minimum acquisition
time, Equation 7-1 may be used. This equation
assumes that 1/2 LSb error is used (256 steps for the
ADC). The 1/2 LSb error is the maximum error allowed
for the ADC to meet its specified resolution.
EQUATION 7-1:
ACQUISITION TIME EXAMPLE
FIGURE 7-1:
ANALOG INPUT MODULE
Note 1: The charge holding capacitor (CHOLD) is not discharged after each conversion.
2: The maximum recommended impedance for analog sources is 10 k
Ω. This is required to meet the pin
leakage specification.
Assumptions:
Temperature = 50°C and external impedance of 10 k
Ω 5.0V VDD
Tacq
= Amplifier Settling Time + Hold Capacitor Charging Time + Temperature Coefficient
=TAMP + TC + TCOFF
=2
μs + TC + [(Temperature - 25°C)(0.05 μs/°C)]
Solving for Tc:
Tc
= CHOLD (RIC + RSS + RS) In(1/512)
= -25pF (l k
Ω + 7 kΩ + 10 kΩ ) In(0.00196)
=2.81
μs
Therefore:
Tacq
= 2
μs + 2.81 μs + [(50°C-25°C)(0.0 5μs/°C)]
=6.06
μs
CPIN
VA
Rs
ANx
5 pF
VDD
VT = 0.6V
VT = 0.6V
I LEAKAGE
RIC
≤ 1k
Sampling
Switch
SS
Rss
CHOLD = 25 pF
VSS/VREF-
6V
Sampling Switch
5V
4V
3V
2V
567 8 9 10 11
(k
Ω)
VDD
± 500 nA
RSS
Legend:
CPIN
= Input Capacitance
VT
= Threshold Voltage
ILEAKAGE
= Leakage current at the pin due
to various junctions
RIC
= Interconnect Resistance
SS
= Sampling Switch
CHOLD
= Sample/Hold Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com