| 전자부품 데이터시트 검색엔진 |
|
STM8S105C4T3C 데이터시트(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S105C4T3C 데이터시트(HTML) 45 Page - STMicroelectronics |
|
45 / 127 page ![]() Reset status Register name Register label Block Address 0x00 TIM4 status register TIM4_SR 0x00 5342 0x00 TIM4 event generation register TIM4_EGR 0x00 5343 0x00 TIM4 counter TIM4_CNTR 0x00 5344 0x00 TIM4 prescaler register TIM4_PSCR 0x00 5345 0xFF TIM4 auto-reload register TIM4_ARR 0x00 5346 Reserved area (153 bytes) 0x00 5347 to 0x00 53DF 0x00 ADC data buffer registers ADC _DBxR ADC1 0x00 53E0 to 0x00 53F3 Reserved area (12 bytes) 0x00 53F4 to 0x00 53FF 0x00 ADC control/ status register ADC _CSR ADC1 0x00 5400 0x00 ADC configuration register 1 ADC_CR1 0x00 5401 0x00 ADC configuration register 2 ADC_CR2 0x00 5402 0x00 ADC configuration register 3 ADC_CR3 0x00 5403 45/127 DocID14771 Rev 9 Memory and register map STM8S105xx |