전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STMPE610QTR 데이터시트(PDF) 25 Page - STMicroelectronics

부품명 STMPE610QTR
상세설명  S-Touch?? advanced touchscreen controller with 6-bit port expander
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE610QTR 데이터시트(HTML) 25 Page - STMicroelectronics

Back Button STMPE610QTR Datasheet HTML 21Page - STMicroelectronics STMPE610QTR Datasheet HTML 22Page - STMicroelectronics STMPE610QTR Datasheet HTML 23Page - STMicroelectronics STMPE610QTR Datasheet HTML 24Page - STMicroelectronics STMPE610QTR Datasheet HTML 25Page - STMicroelectronics STMPE610QTR Datasheet HTML 26Page - STMicroelectronics STMPE610QTR Datasheet HTML 27Page - STMicroelectronics STMPE610QTR Datasheet HTML 28Page - STMicroelectronics STMPE610QTR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
STMPE610
Analog-to-digital converter
Doc ID 15432 Rev 3
25/56
ADC_CTRL1
ADC control 1
Address:
0x20
Type:
R/W
Reset:
0x9C
Description:
ADC control register
7
654
3
2
1
0
RESERVED
SAMPLE_TIME2 SAMPLE_TIME1 SAMPLE_TIME0
MOD_12B
RESERVED
REF_SEL
RESERVED
[7] RESERVED
[6:4] SAMPLE_TIMEn: ADC conversion time in number of clock
000: 36
001: 44
010: 56
011: 64
100: 80
101: 96
110: 124
111: Not valid
[3] MOD_12B: Selects 10 or 12-bit ADC operation
1: 12 bit ADC
0: 10 bit ADC
[2] RESERVED
[1] REF_SEL: Selects between internal or external reference for the ADC
1: External reference
0: Internal reference
[0] RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56