전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STMPE811QTR 데이터시트(PDF) 25 Page - STMicroelectronics

부품명 STMPE811QTR
상세설명  Advanced resistive touch screen controller with 8-bit GPIO expander
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811QTR 데이터시트(HTML) 25 Page - STMicroelectronics

Back Button STMPE811QTR Datasheet HTML 21Page - STMicroelectronics STMPE811QTR Datasheet HTML 22Page - STMicroelectronics STMPE811QTR Datasheet HTML 23Page - STMicroelectronics STMPE811QTR Datasheet HTML 24Page - STMicroelectronics STMPE811QTR Datasheet HTML 25Page - STMicroelectronics STMPE811QTR Datasheet HTML 26Page - STMicroelectronics STMPE811QTR Datasheet HTML 27Page - STMicroelectronics STMPE811QTR Datasheet HTML 28Page - STMicroelectronics STMPE811QTR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
STMPE811
Interrupt system
Doc ID 14489 Rev 2
25/64
INT_CTRL
Interrupt control register
Address:
0x09
Type:
R/W
Reset:
0x00
Description:
The interrupt control register is used to enable the interruption from a system-related
interrupt source to the host.
76
543
2
1
0
RESERVED
INT_POLARITY
INT_TYPE
GLOBAL_INT
[7:3] RESERVED
[2] INT_POLARITY: This bit sets the INT pin polarity
1: Active high/rising edge
0: Active low/falling edge
[1] INT_TYPE: This bit sets the type of interrupt signal required by the host
1: Edge interrupt
0: Level interrupt
[0] GLOBAL_INT: This is master enable for the interrupt system
1: Global interrupt
0: Stops all interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64