전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8S105C4U3C 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 STM8S105C4U3C
상세설명  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4U3C 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button STM8S105C4U3C Datasheet HTML 3Page - STMicroelectronics STM8S105C4U3C Datasheet HTML 4Page - STMicroelectronics STM8S105C4U3C Datasheet HTML 5Page - STMicroelectronics STM8S105C4U3C Datasheet HTML 6Page - STMicroelectronics STM8S105C4U3C Datasheet HTML 7Page - STMicroelectronics STM8S105C4U3C Datasheet HTML 8Page - STMicroelectronics STM8S105C4U3C Datasheet HTML 9Page - STMicroelectronics STM8S105C4U3C Datasheet HTML 10Page - STMicroelectronics STM8S105C4U3C Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 127 page
background image
Figure 48. 44-pin low profile quad flat package ...................................................................................108
Figure 49. 32-pin low profile quad flat package (7 x 7) ........................................................................109
Figure 50. 32-lead very thin fine pitch quad flat no-lead package (5 x 5) ............................................112
Figure 51. 32-lead ultra thin fine pitch quad flat no-lead package (5 x 5) ............................................112
Figure 52. 32-lead shrink plastic DIP (400 ml) package ......................................................................114
Figure 53. STM8S105xx access line ordering information scheme .....................................................117
7/127
DocID14771 Rev 9
List of figures
STM8S105xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More