| 전자부품 데이터시트 검색엔진 |
|
STM8S105C4B6C 데이터시트(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S105C4B6C 데이터시트(HTML) 23 Page - STMicroelectronics |
|
23 / 127 page ![]() Figure 4: LQFP 44-pin pinout 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 12 13 14 15 16 17 18 19 20 21 22 1 2 3 4 5 6 7 8 9 10 11 VSS VCAP VDD VDDIO_1 (HS) PA4 (HS) PA5 (HS) PA6 NRST OSCIN/PA1 OSCOUT/PA2 VSSIO_1 VDDIO_2 VSSIO_2 PC5 (HS)/SPI_SCK PC3 (HS)/TIM1_CH3 PC2 (HS)/TIM1_CH2 PC1 (HS)/TIM1_CH1 /UART2_CK PE5/SPI_NSS PG1 PG0 PC7 (HS)/SPI_MISO PC6 (HS)/SPI_MOSI 1. (HS) high sink capability. 2. (T) True open drain (P-buffer and protection diode to VDD not implemented). 3. [ ] alternate function remapping option (If the same alternate function is shown twice, it indicates an exclusive choice not a duplication of the function). 23/127 DocID14771 Rev 9 Pinout and pin description STM8S105xx |