전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8S105C4T6C 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STM8S105C4T6C
상세설명  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4T6C 데이터시트(HTML) 4 Page - STMicroelectronics

  STM8S105C4T6C Datasheet HTML 1Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 2Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 3Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 4Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 5Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 6Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 7Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 8Page - STMicroelectronics STM8S105C4T6C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 127 page
background image
List of tables
Table 1. Device summary .........................................................................................................................1
Table 2. STM8S105xx access line features .............................................................................................9
Table 3. Peripheral clock gating bit assignments in CLK_PCKENR1/2 registers ..................................15
Table 4. TIM timer features
...................................................................................................................17
Table 5. Legend/abbreviations
..............................................................................................................21
Table 6. Pin description for STM8S105 microcontrollers .......................................................................25
Table 7. Flash, Data EEPROM and RAM boundary addresses
..........................................................108
Table 8. I/O port hardware register map ..............................................................................................113
Table 9. General hardware register map ................................................................................................33
Table 10. CPU/SWIM/debug module/interrupt controller registers ......................................................114
Table 11. Interrupt mapping ....................................................................................................................50
Table 12. Option bytes
..........................................................................................................................57
Table 13. Option byte description ...........................................................................................................53
Table 14. Description of alternate function remapping bits [7:0] of OPT2 ..............................................55
Table 15. Unique ID registers (96 bits) ...................................................................................................57
Table 16. Voltage characteristics ...........................................................................................................59
Table 17. Current characteristics ...........................................................................................................60
Table 18. Thermal characteristics ..........................................................................................................61
Table 19. General operating conditions .................................................................................................62
Table 20. Operating conditions at power-up/power-down ......................................................................63
Table 21. Total current consumption with code execution in run mode at VDD = 5 V .............................64
Table 22. Total current consumption with code execution in run mode at VDD = 3.3 V ..........................76
Table 23. Total current consumption in wait mode at VDD = 5 V ............................................................67
Table 24. Total current consumption in wait mode at VDD = 3.3 V .........................................................68
Table 25. Total current consumption in active halt mode at VDD = 5 V ..................................................68
Table 26. Total current consumption in active halt mode at VDD = 3.3 V ...............................................69
Table 27. Total current consumption in halt mode at VDD = 5 V .............................................................70
Table 28. Total current consumption in halt mode at VDD = 3.3 V ..........................................................71
Table 29. Wakeup times .........................................................................................................................71
Table 30. Total current consumption and timing in forced reset state ..................................................104
Table 31. Peripheral current consumption .............................................................................................72
Table 32. HSE user external clock characteristics .................................................................................76
Table 33. HSE oscillator characteristics .................................................................................................77
Table 34. HSI oscillator characteristics ..................................................................................................78
Table 35. LSI oscillator characteristics ...................................................................................................80
Table 36. RAM and hardware registers ..................................................................................................81
Table 37. Flash program memory/data EEPROM memory ....................................................................81
Table 38. I/O static characteristics .........................................................................................................82
Table 39. Output driving current (standard ports) ..................................................................................84
Table 40. Output driving current (true open drain ports) ........................................................................85
Table 41. Output driving current (high sink ports) ..................................................................................85
Table 42. NRST pin characteristics ........................................................................................................91
Table 43. SPI characteristics ..................................................................................................................94
Table 44. I
2C characteristics ..................................................................................................................97
Table 45. ADC characteristics ................................................................................................................98
Table 46. ADC accuracy with RAIN < 10 kΩ , VDDA= 5 V .......................................................................99
Table 47. ADC accuracy with RAIN < 10 kΩ RAIN, VDDA = 3.3 V ..........................................................100
DocID14771 Rev 9
4/127
STM8S105xx
List of tables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More