| 전자부품 데이터시트 검색엔진 |
|
MPR083 데이터시트(PDF) 37 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPR083 데이터시트(HTML) 37 Page - Freescale Semiconductor, Inc |
|
37 / 56 page ![]() Blood Pressure Monitor Design Reference Manual, Rev. 0 Freescale Semiconductor 5-1 Chapter 5 Customizing the Blood Pressure Monitor You can use any part(s) of the blood pressure monitor to suit your application needs. For example, if you wish to communicate an application with an MRAM, only add the MRAM.h file into the code, and declare the address and data ports as well as the control bits. Likewise, the OLED display can also be taken and added into any application. The OLED.c file contains all the necessary functions to use the OLED display. If you wish to use the OLED display in another application, add the OLED.h file into the code, change the pin declarations of the SPI, the OLED reset pin, the 12 V enable pin, and the data/command pin. |