전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8S105C4T3 데이터시트(PDF) 45 Page - STMicroelectronics

부품명 STM8S105C4T3
상세설명  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4T3 데이터시트(HTML) 45 Page - STMicroelectronics

Back Button STM8S105C4T3 Datasheet HTML 41Page - STMicroelectronics STM8S105C4T3 Datasheet HTML 42Page - STMicroelectronics STM8S105C4T3 Datasheet HTML 43Page - STMicroelectronics STM8S105C4T3 Datasheet HTML 44Page - STMicroelectronics STM8S105C4T3 Datasheet HTML 45Page - STMicroelectronics STM8S105C4T3 Datasheet HTML 46Page - STMicroelectronics STM8S105C4T3 Datasheet HTML 47Page - STMicroelectronics STM8S105C4T3 Datasheet HTML 48Page - STMicroelectronics STM8S105C4T3 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 127 page
background image
Reset
status
Register name
Register label
Block
Address
0x00
TIM4 status register
TIM4_SR
0x00
5342
0x00
TIM4 event generation register
TIM4_EGR
0x00
5343
0x00
TIM4 counter
TIM4_CNTR
0x00
5344
0x00
TIM4 prescaler register
TIM4_PSCR
0x00
5345
0xFF
TIM4 auto-reload register
TIM4_ARR
0x00
5346
Reserved area (153 bytes)
0x00
5347 to
0x00
53DF
0x00
ADC data buffer registers
ADC _DBxR
ADC1
0x00
53E0 to
0x00
53F3
Reserved area (12 bytes)
0x00
53F4 to
0x00
53FF
0x00
ADC control/ status register
ADC _CSR
ADC1
0x00
5400
0x00
ADC configuration register 1
ADC_CR1
0x00
5401
0x00
ADC configuration register 2
ADC_CR2
0x00
5402
0x00
ADC configuration register 3
ADC_CR3
0x00
5403
45/127
DocID14771 Rev 9
Memory and register map
STM8S105xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More