| 전자부품 데이터시트 검색엔진 |
|
P89LPC983 데이터시트(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P89LPC983 데이터시트(HTML) 14 Page - NXP Semiconductors |
|
14 / 85 page ![]() P89LPC980_982_983_985_2 © NXP B.V. 2010. All rights reserved. Preliminary data sheet Rev. 02 — 8 February 2010 14 of 85 NXP Semiconductors P89LPC980/982/983/985 8-bit microcontroller with accelerated two-clock 80C51 core 7. Functional description Remark: Please refer to the P89LPC980/982/983/985 User manual for a more detailed functional description. 7.1 Special function registers Remark: SFR accesses are restricted in the following ways: • User must not attempt to access any SFR locations not defined. • Accesses to any defined SFR locations must be strictly for the functions for the SFRs. • SFR bits labeled ‘-’, ‘0’ or ‘1’ can only be written and read as follows: – ‘-’ Unless otherwise specified, must be written with ‘0’, but can return any value when read (even if it was written with ‘0’). It is a reserved bit and may be used in future derivatives. – ‘0’ must be written with ‘0’, and will return a ‘0’ when read. – ‘1’ must be written with ‘1’, and will return a ‘1’ when read. |