| 전자부품 데이터시트 검색엔진 |
|
P89LPC983FDH 데이터시트(PDF) 67 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P89LPC983FDH 데이터시트(HTML) 67 Page - NXP Semiconductors |
|
67 / 85 page ![]() P89LPC980_982_983_985_2 © NXP B.V. 2010. All rights reserved. Preliminary data sheet Rev. 02 — 8 February 2010 67 of 85 NXP Semiconductors P89LPC980/982/983/985 8-bit microcontroller with accelerated two-clock 80C51 core BOD interrupt Vtrip trip voltage falling stage BOICFG2, BOICFG1, BOICFG0 = 010 - 2.55 - V BOICFG2, BOICFG1, BOICFG0 = 011 - 2.85 - V BOICFG2, BOICFG1, BOICFG0 = 100 - 3.00 - V BOICFG2, BOICFG1, BOICFG0 = 101 - 3.45 - V BOICFG2, BOICFG1, BOICFG0 = 110 - 4.15 - V BOICFG2, BOICFG1, BOICFG0 = 111 - 4.35 - V rising stage BOICFG2, BOICFG1, BOICFG0 = 010 - 2.70 - V BOICFG2, BOICFG1, BOICFG0 = 011 - 3.00 - V BOICFG2, BOICFG1, BOICFG0 = 100 - 3.15 - V BOICFG2, BOICFG1, BOICFG0 = 101 - 3.60 - V BOICFG2, BOICFG1, BOICFG0 = 110 - 4.30 - V BOICFG2, BOICFG1, BOICFG0 = 111 - 4.50 - V Table 13. Static characteristics …continued VDD = 2.4 V to 5.5 V unless otherwise specified. Tamb = −40 °Cto+85 °C for industrial applications, unless otherwise specified. Symbol Parameter Conditions Min Typ[1] Max Unit |