| 전자부품 데이터시트 검색엔진 |
|
MC9S08DN60F1CLF 데이터시트(PDF) 128 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC9S08DN60F1CLF 데이터시트(HTML) 128 Page - Freescale Semiconductor, Inc |
|
128 / 356 page ![]() Chapter 7 Central Processor Unit (S08CPUV3) MC9S08DN60 Series Data Sheet, Rev 3 128 Freescale Semiconductor Bit-Manipulation Branch Read-Modify-Write Control Register/Memory 9E60 6 NEG 3 SP1 9ED0 5 SUB 4 SP2 9EE0 4 SUB 3SP1 9E61 6 CBEQ 4 SP1 9ED1 5 CMP 4 SP2 9EE1 4 CMP 3SP1 9ED2 5 SBC 4 SP2 9EE2 4 SBC 3SP1 9E63 6 COM 3 SP1 9ED3 5 CPX 4 SP2 9EE3 4 CPX 3SP1 9EF3 6 CPHX 3 SP1 9E64 6 LSR 3 SP1 9ED4 5 AND 4 SP2 9EE4 4 AND 3SP1 9ED5 5 BIT 4 SP2 9EE5 4 BIT 3SP1 9E66 6 ROR 3 SP1 9ED6 5 LDA 4 SP2 9EE6 4 LDA 3SP1 9E67 6 ASR 3 SP1 9ED7 5 STA 4 SP2 9EE7 4 STA 3SP1 9E68 6 LSL 3 SP1 9ED8 5 EOR 4 SP2 9EE8 4 EOR 3SP1 9E69 6 ROL 3 SP1 9ED9 5 ADC 4 SP2 9EE9 4 ADC 3SP1 9E6A 6 DEC 3 SP1 9EDA 5 ORA 4 SP2 9EEA 4 ORA 3SP1 9E6B 8 DBNZ 4 SP1 9EDB 5 ADD 4 SP2 9EEB 4 ADD 3SP1 9E6C 6 INC 3 SP1 9E6D 5 TST 3 SP1 9EAE 5 LDHX 2IX 9EBE 6 LDHX 4 IX2 9ECE 5 LDHX 3 IX1 9EDE 5 LDX 4 SP2 9EEE 4 LDX 3SP1 9EFE 5 LDHX 3 SP1 9E6F 6 CLR 3 SP1 9EDF 5 STX 4 SP2 9EEF 4 STX 3SP1 9EFF 5 STHX 3 SP1 INH Inherent REL Relative SP1 Stack Pointer, 8-Bit Offset IMM Immediate IX Indexed, No Offset SP2 Stack Pointer, 16-Bit Offset DIR Direct IX1 Indexed, 8-Bit Offset IX+ Indexed, No Offset with EXT Extended IX2 Indexed, 16-Bit Offset Post Increment DD DIR to DIR IMD IMM to DIR IX1+ Indexed, 1-Byte Offset with IX+D IX+ to DIR DIX+ DIR to IX+ Post Increment Note: All Sheet 2 Opcodes are Preceded by the Page 2 Prebyte (9E) Prebyte (9E) and Opcode in Hexadecimal Number of Bytes 9E60 6 NEG 3 SP1 HCS08 Cycles Instruction Mnemonic Addressing Mode Table 7-3. Opcode Map (Sheet 2 of 2) |