전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCA9501 데이터시트(PDF) 13 Page - NXP Semiconductors

부품명 PCA9501
상세설명  8-bit I2C-bus and SMBus I/O port with interrupt, 2-kbit EEPROM and 6 address pins
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9501 데이터시트(HTML) 13 Page - NXP Semiconductors

Back Button PCA9501 Datasheet HTML 9Page - NXP Semiconductors PCA9501 Datasheet HTML 10Page - NXP Semiconductors PCA9501 Datasheet HTML 11Page - NXP Semiconductors PCA9501 Datasheet HTML 12Page - NXP Semiconductors PCA9501 Datasheet HTML 13Page - NXP Semiconductors PCA9501 Datasheet HTML 14Page - NXP Semiconductors PCA9501 Datasheet HTML 15Page - NXP Semiconductors PCA9501 Datasheet HTML 16Page - NXP Semiconductors PCA9501 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
PCA9501_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 10 February 2009
13 of 28
NXP Semiconductors
PCA9501
8-bit I2C-bus and SMBus I/O port with interrupt, 2-kbit EEPROM
9.
Application design-in information
A central processor/controller typically located on the system main board can use the
400 kHz I2C-bus/SMBus to poll the PCA9501 devices located on the system cards for
status or version control type of information. The PCA9501 may be programmed at
manufacturing to store information regarding board build, firmware version, manufacturer
identification, configuration option data, and so on. Alternately, these devices can be used
as convenient interface for board configuration, thereby utilizing the I2C-bus/SMBus as an
intra-system communication bus
Fig 21. PCA9501 used as interface for board configuration
I2C-bus
I2C-bus
I2C-bus
I2C-bus
ASIC
GPIO
CONTROL
EEPROM
monitoring
and
control
configuration control
PCA9501
INPUTS
ALARM
LEDs
I2C-bus
card ID, subroutines, configuration data, or revision history
up to
64 cards
BACKPLANE
I2C-bus
CPU
OR
µC
002aac026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28