| 전자부품 데이터시트 검색엔진 |
|
STM8S207MBT6BTR 데이터시트(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S207MBT6BTR 데이터시트(HTML) 11 Page - STMicroelectronics |
|
11 / 103 page ![]() STM8S207xx, STM8S208xx Description Doc ID 14733 Rev 9 11/103 Table 2. STM8S20xxx performance line features Device STM8S207MB STM8S207M8 STM8S207RB STM8S207R8 STM8S207R6 STM8S207CB STM8S207C8 STM8S207C6 STM8S207SB STM8S207S8 STM8S207S6 STM8S207K6 80 80 64 64 64 48 48 48 44 44 44 32 68 68 52 52 52 38 38 38 34 34 34 25 37 37 36 36 36 35 35 35 31 31 31 23 9 9 9 9 9 9 9 9 8 8 8 8 3 3 3 3 3 3 3 3 3 3 3 3 16 16 16 16 16 10 10 10 9 9 9 7 18 18 16 16 16 16 16 16 15 15 15 12 128 K 64 K 128 K 64 K 32 K 128 K 64 K 32 K 128 K 64 K 32 K 32 K 2048 2048 2048 1536 1024 2048 1536 1024 1536 1536 1024 1024 6 K 6 K 6 K 4 K 2 K 6 K 4 K 2 K 4 K 4 K 2 K 2 K No STM8S208MB STM8S208RB STM8S208R8 STM8S208R6 STM8S208CB STM8S208C8 STM8S208C6 STM8S208SB STM8S208S8 STM8S208S6 80 64 64 64 48 48 48 44 44 44 68 52 52 52 38 38 38 34 34 34 37 37 37 37 35 35 35 31 31 31 9 9 9 9 9 9 9 8 8 8 3 3 3 3 3 3 3 3 3 3 16 16 16 16 10 10 10 9 9 9 18 16 16 16 16 16 16 15 15 15 128 K 128 K 64 K 32 K 128 K 64 K 32 K 128 K 64 K 32 K 2048 2048 2048 2048 2048 2048 2048 1536 1536 1536 6 K 6 K 6 K 6 K 6 K 6 K 6 K 4 K 4 K 4 K Yes |