전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCA9533D/02 데이터시트(PDF) 21 Page - NXP Semiconductors

부품명 PCA9533D/02
상세설명  4-bit I2C-bus LED dimmer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9533D/02 데이터시트(HTML) 21 Page - NXP Semiconductors

Back Button PCA9533D/02 Datasheet HTML 16Page - NXP Semiconductors PCA9533D/02 Datasheet HTML 17Page - NXP Semiconductors PCA9533D/02 Datasheet HTML 18Page - NXP Semiconductors PCA9533D/02 Datasheet HTML 19Page - NXP Semiconductors PCA9533D/02 Datasheet HTML 20Page - NXP Semiconductors PCA9533D/02 Datasheet HTML 21Page - NXP Semiconductors PCA9533D/02 Datasheet HTML 22Page - NXP Semiconductors PCA9533D/02 Datasheet HTML 23Page - NXP Semiconductors PCA9533D/02 Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
PCA9533_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 27 April 2009
21 of 24
NXP Semiconductors
PCA9533
4-bit I2C-bus LED dimmer
For further information on temperature profiles, refer to Application Note
AN10365
“Surface mount reflow soldering description”.
16. Abbreviations
MSL: Moisture Sensitivity Level
Fig 24. Temperature profiles for large and small components
001aac844
temperature
time
minimum peak temperature
= minimum soldering temperature
maximum peak temperature
= MSL limit, damage level
peak
temperature
Table 17.
Abbreviations
Acronym
Description
ACPI
Advanced Configuration and Power Interface
CDM
Charged Device Model
DSP
Digital Signal Processor
DUT
Device Under Test
ESD
ElectroStatic Discharge
GPIO
General Purpose Input/Output
HBM
Human Body Model
I2C-bus
Inter-Integrated Circuit bus
LED
Light Emitting Diode
MCU
MicroController Unit
MM
Machine Model
MPU
MicroProcessor Unit
POR
Power-On Reset
RC
Resistor-Capacitor network
SMBus
System Management Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24