| 전자부품 데이터시트 검색엔진 |
|
PCA9632DP2 데이터시트(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9632DP2 데이터시트(HTML) 21 Page - NXP Semiconductors |
|
21 / 38 page ![]() PCA9632_3 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 03 — 15 July 2008 21 of 38 NXP Semiconductors PCA9632 4-bit Fm+ I2C-bus low power LED driver 9. Bus transactions (1) 10-pin version only. (2) See Table 5 for register definition. Fig 15. Write to a specific register 1 0 0 0 A1 A0 0 A S 1 slave address(1) START condition R/W acknowledge from slave 002aad043 data for register D3, D2, D1, D0(2) X X 0 D3 D2 D1 D0 X control register Auto-Increment flag Auto-Increment options A acknowledge from slave A acknowledge from slave P STOP condition (1) 10-pin version only. Fig 16. Write to all registers using the Auto-Increment feature 1 0 0 0 A1 A0 0 A S 1 slave address(1) START condition R/W acknowledge from slave 002aad044 MODE1 register 0 0 0 0 0 0 0 1 control register Auto-Increment on Auto-Increment on all registers A acknowledge from slave A acknowledge from slave P STOP condition (cont.) (cont.) MODE1 register selection MODE2 register A acknowledge from slave SUBADR3 register A acknowledge from slave ALLCALLADR register A acknowledge from slave |