전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCA9674ATS 데이터시트(PDF) 13 Page - NXP Semiconductors

부품명 PCA9674ATS
상세설명  Remote 8-bit I/O expander for Fm I2C-bus with interrupt
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9674ATS 데이터시트(HTML) 13 Page - NXP Semiconductors

Back Button PCA9674ATS Datasheet HTML 9Page - NXP Semiconductors PCA9674ATS Datasheet HTML 10Page - NXP Semiconductors PCA9674ATS Datasheet HTML 11Page - NXP Semiconductors PCA9674ATS Datasheet HTML 12Page - NXP Semiconductors PCA9674ATS Datasheet HTML 13Page - NXP Semiconductors PCA9674ATS Datasheet HTML 14Page - NXP Semiconductors PCA9674ATS Datasheet HTML 15Page - NXP Semiconductors PCA9674ATS Datasheet HTML 16Page - NXP Semiconductors PCA9674ATS Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
PCA9674_PCA9674A_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 15 June 2009
13 of 32
NXP Semiconductors
PCA9674/74A
Remote 8-bit I/O expander for Fm+ I2C-bus with interrupt
8.
I/O programming
8.1 Quasi-bidirectional I/O architecture
The PCA9674/74A’s 8 ports (see Figure 2) are entirely independent and can be used
either as input or output ports. Input data is transferred from the ports to the
microcontroller in the Read mode (see Figure 14). Output data is transmitted to the ports
in the Write mode (see Figure 13).
This quasi-bidirectional I/O can be used as an input or output without the use of a control
signal for data directions. At power-on the I/Os are HIGH. In this mode only a current
source (IOH) to VDD is active. An additional strong pull-up to VDD (Itrt(pu)) allows fast rising
edges into heavily loaded outputs. These devices turn on when an output is written HIGH,
and are switched off by the negative edge of SCL. The I/Os should be HIGH before being
used as inputs. After power-on, as all the I/Os are set HIGH, all of them can be used as
inputs. Any change in setting of the I/Os as either inputs or outputs can be done with the
write mode.
Remark: If a HIGH is applied to an I/O which has been written earlier to LOW, a large
current (IOL) will flow to VSS.
8.2 Writing to the port (Output mode)
To write, the master (microcontroller) first addresses the slave device. By setting the last
bit of the byte containing the slave address to logic 0 the write mode is entered. The
PCA9674/74A acknowledges and the master sends the data byte for P7 to P0 and is
acknowledged by the PCA9674/74A. The 8-bit data is presented on the port lines after it
has been acknowledged by the PCA9674/74A.
The number of data bytes that can be sent successively is not limited. The previous data
is overwritten every time a data byte has been sent.
If more than 2 bytes are read, the slave device loops back to the first byte (manufacturer byte) and
keeps sending data until the master generates a ‘no acknowledge’.
Fig 12. Device ID field reading
002aac119
1
1
1
1
0
0
0
A
S
1
device ID address
START condition
R/W
acknowledge from one
or several slave(s)
A5 A4 A3 A2 A1 A0 X
A6
A
1
1
1
1
0
0
1
1
device ID address
A
I2C-bus slave address of
the device to be identified
don't care
acknowledge from
slave to be identified
acknowledge from
slave to be identified
R/W
M6 M5 M4
M7
M2 M1 M0
M3
A
acknowledge
from master
C5 C4 C3
C6
C1 C0 F5
C2
A
acknowledge
from master
manufacturer name
= 00000000
P3 P2 P1
F4
P0 R2 R1 R0
revision = 000
feature identification
= 001011
A
P
STOP
condition
no acknowledge
from master
category identification
= 0000001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32