| 전자부품 데이터시트 검색엔진 |
|
PCF2123U/10AA 데이터시트(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2123U/10AA 데이터시트(HTML) 3 Page - NXP Semiconductors |
|
3 / 55 page ![]() PCF2123_2 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 02 — 4 December 2009 3 of 55 NXP Semiconductors PCF2123 SPI Real time clock/calendar 6. Block diagram Fig 1. Block diagram of PCF2123 013aaa223 PCF2123 OSCILLATOR 32.768 kHz DIVIDER CLOCK OUT INTERRUPT CLKOUT CLKOE INT OFFSET FUNCTION Offset_register 0Dh MONITOR POWER ON RESET WATCH DOG SPI INTERFACE OSCI CE SCL SDI SDO OSCO VDD TEST VSS TIMER FUNCTION Timer_clkout 0Eh Countdown_timer 0Fh CONTROL Control_1 00h Control_2 01h TIME Seconds 02h Minutes 03h Hours 04h Days 05h ALARM FUNCTION Minute_alarm 09h Hour_alarm 0Ah Day_alarm 0Bh Weekday_alarm 0Ch Weekdays 06h Months 07h Years 08h COSCI COSCO Rpd |