| 전자부품 데이터시트 검색엔진 |
|
PDTA143Z 데이터시트(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PDTA143Z 데이터시트(HTML) 2 Page - NXP Semiconductors |
|
2 / 14 page ![]() 2004 Aug 05 2 NXP Semiconductors Product data sheet PNP resistor-equipped transistors; R1 = 4.7 k Ω, R2 = 47 kΩ PDTA143Z series FEATURES • Built-in bias resistors • Simplified circuit design • Reduction of component count • Reduced pick and place costs. APPLICATIONS • General purpose switching and amplification • Inverter and interface circuits • Circuit driver. QUICK REFERENCE DATA DESCRIPTION PNP resistor-equipped transistor (see “Simplified outline, symbol and pinning” for package details). SYMBOL PARAMETER TYP. MAX. UNIT VCEO collector-emitter voltage − −50 V IO output current (DC) − −100 mA R1 bias resistor 4.7 − k Ω R2 bias resistor 47 − k Ω PRODUCT OVERVIEW Note 1. * = p: Made in Hong Kong. * = t: Made in Malaysia. * = W: Made in China. TYPE NUMBER PACKAGE MARKING CODE NPN COMPLEMENT PHILIPS EIAJ PDTA143ZE SOT416 SC-75 37 PDTC143ZE PDTA143ZEF SOT490 SC-89 52 PDTC143ZEF PDTA143ZK SOT346 SC-59 19 PDTC143ZK PDTA143ZM SOT883 SC-101 DP PDTC143ZM PDTA143ZS SOT54 (TO-92) SC-43 TA143Z PDTC143ZS PDTA143ZT SOT23 − *19(1) PDTC143ZT PDTA143ZU SOT323 SC-70 *47(1) PDTC143ZU |