전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NANOSMDC075F 데이터시트(PDF) 12 Page - Tyco Electronics

부품명 NANOSMDC075F
상세설명  PolySwitch Resettable Devices Surface-mount Devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

NANOSMDC075F 데이터시트(HTML) 12 Page - Tyco Electronics

Back Button NANOSMDC075F Datasheet HTML 8Page - Tyco Electronics NANOSMDC075F Datasheet HTML 9Page - Tyco Electronics NANOSMDC075F Datasheet HTML 10Page - Tyco Electronics NANOSMDC075F Datasheet HTML 11Page - Tyco Electronics NANOSMDC075F Datasheet HTML 12Page - Tyco Electronics NANOSMDC075F Datasheet HTML 13Page - Tyco Electronics NANOSMDC075F Datasheet HTML 14Page - Tyco Electronics NANOSMDC075F Datasheet HTML 15Page - Tyco Electronics NANOSMDC075F Datasheet HTML 16Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
102
RoHS Compliant, ELV Compliant
HF Halogen Free
10
Fault Current (A)
100
10
1
0.1
0.01
0.001
0.1
1
10
100
A
A
B
B
C
CD E
F
G
H
I
D
E F
G
H I
Figure S9
microSMDxxxF
A=
microSMD005F
B=
microSMD010F
C=
microSMD035F
D=
microSMD050F
E=
microSMD075F
F=
microSMD110F
G=
microSMD150F
H=
microSMD175F
I=
microSMD200F
Fault Current (A)
10
1
0.1
0.01
0.001
10
1
100
A
A
Figure S8
nanoSMDC200F
A=
nanoSMDC200F
Fault Current (A)
100
10
1
0.1
0.01
0.001
10
0.1
1
100
A
A
B
C
D
E
F
G
I
J
K
B
C D
E FG
H
H
I JK
Figure S10
miniSMDCxxxF and miniSMDExxxF
A= miniSMDC010F, miniSMDC014F
B= miniSMDC020F
C= miniSMDC050F
D= miniSMDC075F, miniSMDC075F/24
E= miniSMDC100F, miniSMDC110F,
miniSMDC110F/16, miniSMDC110F/24
F= miniSMDC125F, miniSMDC125F/16
G= miniSMDC150F, miniSMDC150F/12,
miniSMDC150F/16, miniSMDC150F/24
H= miniSMDC160F
I= miniSMDC200F
J= miniSMDE190F
K= miniSMDC260F, miniSMDC260F/12,
miniSMDC260F/13.2,
miniSMDC260F/16
Figure S5-S15 Typical Time-to-trip Curves at 20°C for Surface-mount Devices
Cont’d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com