전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MINISMDC150F/16 데이터시트(PDF) 17 Page - Tyco Electronics

부품명 MINISMDC150F/16
상세설명  PolySwitch Resettable Devices Surface-mount Devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

MINISMDC150F/16 데이터시트(HTML) 17 Page - Tyco Electronics

Back Button MINISMDC150F/16 Datasheet HTML 12Page - Tyco Electronics MINISMDC150F/16 Datasheet HTML 13Page - Tyco Electronics MINISMDC150F/16 Datasheet HTML 14Page - Tyco Electronics MINISMDC150F/16 Datasheet HTML 15Page - Tyco Electronics MINISMDC150F/16 Datasheet HTML 16Page - Tyco Electronics MINISMDC150F/16 Datasheet HTML 17Page - Tyco Electronics MINISMDC150F/16 Datasheet HTML 18Page - Tyco Electronics MINISMDC150F/16 Datasheet HTML 19Page - Tyco Electronics MINISMDC150F/16 Datasheet HTML 20Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
107
RoHS Compliant, ELV Compliant
HF Halogen Free
10
Solder Reflow
• Recommended reflow methods:
- IR
- Hot air
- Nitrogen
• Recommended maximum paste thickness: 0.25mm (0.010 inch)
• Devices can be cleaned using standard methods and aqueous solvents.
• We believe the optimum conditions for forming acceptable solder fillets occur when a reasonable amount of solder paste is placed
underneath each device’s termination. As such, we request that customers comply with our recommended solder pad layouts.
• Customer should validate that the solder paste amount and reflow recommendations meet its application.
• We request that customer board layouts refrain from placing raised features (e.g. vias, nomenclature, traces, etc.) underneath PolySwitch
devices. It is possible that raised features could negatively impact solderability performance of our devices.
Rework
• femtoSMD, picoSMD, nanoSMD, microSMD and miniSMD series: standard industry practices.
Please also avoid direct contact to the device.
• SMD series: rework should be confined to removal of the installed product and replacement with a fresh device.
Solder Reflow and Rework Recommendation for Surface-mount Devices
Critical Zone
T
L to Tp
Ramp up
t 25˚C to Peak
Reflow Profile
Time
Ramp down
ts
Preheat
Ts
MAX
T
L
Tp
tp
25
Ts
MIN
t
L
Figure S17
Classification Reflow Profiles
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Average ramp up rate (TsMAX to Tp)
3°C/second max.
3°C/second max.
Preheat
• Temperature min. (TsMIN)
100°C
150°C
• Temperature max. (TsMAX)
150°C
200°C
• Time (tsMIN to tsMAX)
60-120 seconds
60-120 seconds
Time maintained above:
• Temperature (TL)
183°C
217°C
• Time (tL)
60-150 seconds
60-150 seconds
Peak/Classification temperature (Tp)
235°C
260°C
Time within 5°C of actual peak temperature
Time (tp)
20 seconds max.
30 seconds max.
Ramp down rate
3°C/second max.
3°C/second max.
Time 25°C to peak temperature
6 minutes max.
8 minutes max.
Note: All temperatures refer to topside of the package, measured on the package body surface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com