전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC32MX320F032H 데이터시트(PDF) 39 Page - Microchip Technology

부품명 PIC32MX320F032H
상세설명  64/100-Pin General Purpose and USB 32-Bit Flash Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX320F032H 데이터시트(HTML) 39 Page - Microchip Technology

Back Button PIC32MX320F032H Datasheet HTML 35Page - Microchip Technology PIC32MX320F032H Datasheet HTML 36Page - Microchip Technology PIC32MX320F032H Datasheet HTML 37Page - Microchip Technology PIC32MX320F032H Datasheet HTML 38Page - Microchip Technology PIC32MX320F032H Datasheet HTML 39Page - Microchip Technology PIC32MX320F032H Datasheet HTML 40Page - Microchip Technology PIC32MX320F032H Datasheet HTML 41Page - Microchip Technology PIC32MX320F032H Datasheet HTML 42Page - Microchip Technology PIC32MX320F032H Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 172 page
background image
BF80_3220
OC2RS
31:16
15:0
OC2RS<31:0>
BF80_3400 OC3CON
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
15:0
ON
FRZ
SIDL
—
—
—
—
—
—
—
OC32
OCFLT
OCTSEL
OCM<2:0>
BF80_3410
OC3R
31:16
OC3R<31:0>
15:0
BF80_3420
OC3RS
31:16
15:0
OC3RS<31:0>
BF80_3600 OC4CON
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
15:0
ON
FRZ
SIDL
—
—
—
—
—
—
—
OC32
OCFLT
OCTSEL
OCM<2:0>
BF80_3610
OC4R
31:16
OC4R<31:0>
15:0
BF80_3620
OC4RS
31:16
15:0
OC4RS<31:0>
BF80_3800 OC5CON
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
15:0
ON
FRZ
SIDL
—
—
—
—
—
—
—
OC32
OCFLT
OCTSEL
OCM<2:0>
BF80_3810
OC5R
31:16
OC5R<31:0>
15:0
BF80_3820
OC5RS
31:16
OC5RS<31:0>
15:0
TABLE 4-5:
OUTPUT COMPARE 1-5 REGISTERS MAP(1) (CONTINUED)
SFR
Virtual
Addr
SFR
Name
Bits
31/15
Bits
30/14
Bits
29/13
Bits
28/12
Bits
27/11
Bits
26/10
Bits
25/9
Bits
24/8
Bits
23/7
Bits
22/6
Bits
21/5
Bits
20/4
Bits
19/3
Bits
18/2
Bits
17/1
Bits
16/0
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
All registers in this table have corresponding CLR, SET, and INV Registers at their virtual addresses, plus offsets of 0x4, 0x8, and 0xC, respectively. See Section 12.1.1 “CLR, SET and INV Registers” for more infor-
mation.
TABLE 4-6:
I2C1-2 REGISTERS MAP(1)
SFR
Virtual
Addr
SFR
Name
Bits
31/15
Bits
30/14
Bits
29/13
Bits
28/12
Bits
27/11
Bits
26/10
Bits
25/9
Bits
24/8
Bits
23/7
Bits
22/6
Bits
21/5
Bits
20/4
Bits
19/3
Bits
18/2
Bits
17/1
Bits
16/0
BF80_5000
I2C1CON
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
15:0
ON
FRZ
SIDL
SCLREL
STRICT
A10M
DISSLW
SMEN
GCEN
STREN
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
BF80_5010 I2C1STAT
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
15:0 ACKSTAT
TRSTAT
—
—
—
BCL
GCSTAT
ADD10
IWCOL
I2COV
D/A
P
S
R/W
RBF
TBF
BF80_5020
I2C1ADD
31:16
15:0
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
ADD<9:0>
BF80_5030
I2C1MSK
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
15:0
—
—
—
—
—
—
MSK<9:0>
BF80_5040
I2C1BRG
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
15:0
—
—
—
—
I2C1BRG<11:0>
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
All registers in this table except I2CxRCV have corresponding CLR, SET, and INV Registers at their virtual addresses, plus offsets of 0x4, 0x8, and 0xC, respectively. See Section 12.1.1 “CLR, SET and INV Regis-
ters” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More