| 전자부품 데이터시트 검색엔진 |
|
1206SFS200F/63 데이터시트(PDF) 6 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
1206SFS200F/63 데이터시트(HTML) 6 Page - Tyco Electronics |
|
6 / 8 page ![]() 116 13 RoHS Compliant, ELV Compliant HF Halogen Free Range Performance Testing Method Min. Max. MVR ASTM D1238 3.60 4.40 Vicat softening temperature ASTM D1525 97.8 - Elasticity at break ASTM D638 50.0 - Tape and Reel Material Characteristics for Slow-Blow Chip Fuses Table FS7 Tolerance X ± 1mm; 0.X ± 0.5mm; 0.XX ± 0.2mm Tape and Reel Specifications for Slow-Blow Chip Fuses Table FS8 Dimension in inches (mm) Mark 0603 (1608) 1206 (3216) E1 0.069±0.004 (1.75±0.10) 0.069±0.004 (1.75±0.10) F 0.138±0.002 (3.50±0.05) 0.138±0.002 (3.50±0.05) W 0.318±0.004 (8.00±0.10) 0.318±0.004 (8.00±0.10) P1 0.157±0.004 (4.00±0.10) 0.157±0.004 (4.00±0.10) P0 0.157±0.004 (4.00±0.10) 0.157±0.004 (4.00±0.10) P2 0.079±0.002 (2.00±0.05) 0.079±0.002 (2.00±0.05) D0 0.059±0.004 (1.50+0.10/-0.00) 0.059±0.004 (1.50+0.10/-0.00) D1 -- 0.039 max (1.00 max) t 0.009±0.001 (0.23±0.02) 0.009±0.001 (0.23±0.02) A0 0.036±0.004 (0.92±0.10) 0.071±0.004 (1.80±0.10) B0 0.071±0.004 (1.80±0.10) 0.138±0.004 (3.50±0.10) K0 0.033±0.004 (0.85±0.10) 0.050±0.004 (1.27±0.10) Taped Component Dimensions for Slow-Blow Chip Fuses Figure FS7 P 0 E 1 F W P 2 D 0 D 1 A 0 P 1 B 0 K 0 t Recommended conditions for hand soldering: 1. Using hot air rework station that can reflow the solder on both terminations at the same time is strongly recommended, do not directly contact the chip termination with the tip of soldering iron. 2. Preheating: 150°C, 60s (min). Appropriate temperature (max) of soldering iron tip/soldering time (max): 280°C /10s or 350°C / 3s. Maximum temperature of soldering iron tip/soldering time: 350°C /9s or 400°C / 8s. Time (s) Soldering 10s Max. Natural Cooling 260 230 150-180 Preheat 60 - 120s Min. 40s Max. Recommended Soldering Temperature Profile for Slow-Blow Chip Fuses Figure FS6 |