전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RUSBF185-2 데이터시트(PDF) 24 Page - Tyco Electronics

부품명 RUSBF185-2
상세설명  PolySwitch Resettable Devices Radial-leaded Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

RUSBF185-2 데이터시트(HTML) 24 Page - Tyco Electronics

Back Button RUSBF185-2 Datasheet HTML 20Page - Tyco Electronics RUSBF185-2 Datasheet HTML 21Page - Tyco Electronics RUSBF185-2 Datasheet HTML 22Page - Tyco Electronics RUSBF185-2 Datasheet HTML 23Page - Tyco Electronics RUSBF185-2 Datasheet HTML 24Page - Tyco Electronics RUSBF185-2 Datasheet HTML 25Page - Tyco Electronics RUSBF185-2 Datasheet HTML 26Page - Tyco Electronics RUSBF185-2 Datasheet HTML 27Page - Tyco Electronics RUSBF185-2 Datasheet HTML 28Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
134
RoHS Compliant, ELV Compliant
10
Description
EIA Mark
Dimension (mm)
Tolerance
Carrier tape width
W
18
-0.5/+1.0
Hold-down tape width
W
4
11
Minimum
Top distance between tape edges
W
6
3
Maximum
Sprocket hole position
W
5
9
-0.5/+0.75
Sprocket hole diameter
D
0
4
± 0.2
Abscissa to plane (straight lead) (RXEF110 to RXEF300, RKEF135 to RKEF500)
H
18.5
± 2.5
Abscissa to plane (kinked lead) (RXEF010 to RXEF090, BBRF550, RKEF050 to RKEF110)
H
0
16.0
± 0.5
Abscissa to top (RXEF010 to RXEF090, BBRF550, RKEF050 to RKEF185)
H
1
32.2
Maximum
Abscissa to top* (RXEF110 to RXEF300, RKEF250 to RKEF500)
H
1
47.5
Maximum
Overall width with lead protrusion (RXEF010 to RXEF090, BBRF550, RKEF050 to RKEF185)
C
1
43.2
Maximum
Overall width with lead protrusion* (RXEF110 to RXEF300, RKEF250 to RKEF500)
C
1
58
Maximum
Overall width without lead protrusion (RXEF010 to RXEF090, BBRF550, RKEF050 to RKEF185)
C
2
42.5
Maximum
Overall width without lead protrusion* (RXEF110 to RXEF300, RKEF250 to RKEF500)
C
2
57
Maximum
Lead protrusion
L
1
1.0
Maximum
Protrusion of cut-out
L
11.0
Maximum
Protrusion beyond hold-down tape
I
2
Not specified
—
Sprocket hole pitch
P
0
12.7
± 0.3
Device pitch (RXEF010 to RXEF090, BBRF550, RKEF050 to RKEF185)
—
12.7
± 0.3
Device pitch (RXEF110 to RXEF300, RKEF250 to RKEF500)
—
25.4
± 0.61
Pitch tolerance
—
20 consecutive
± 1
Tape thickness
t
0.9
Maximum
Overall tape and lead thickness (RXEF010 to RXEF090, RKEF050 to RKEF185)
t
1
1.5
Maximum
Overall tape and lead thickness (RXEF110 to RXEF300, BBRF550, RKEF250 to RKEF500)
t
1
2.3
Maximum
Splice sprocket hole alignment
—0
± 0.3
Body lateral deviation
h0
± 1.0
Body tape plane deviation
p0
± 1.3
Ordinate to adjacent component lead (RXEF010 to RXEF185, BBRF550, RKEF050 to RKEF300)
P
1
3.81
± 0.7
Ordinate to adjacent component lead (RXEF250 to RXEF300, RKEF375 to RKEF500)
P
1
7.62
± 0.7
Lead spacing* (RXEF010 to RXEF185, BBRF550, RKEF050 to RKEF300)
F
5.05
± 0.75
Lead spacing* (RXEF250 to RXEF300, RKEF375 to RKEF500)
F
10.15
± 0.75
Reel width (RXEF010 to RXEF090, RKEF050 to RKEF185)
w
2
56.0
Maximum
Reel width* (RXEF110 to RXEF300, RKEF250 to RKEF500)
w
2
63.5
Maximum
Reel diameter
a
370.0
Maximum
Space between flanges* (RXEF010 to RXEF090, RKEF050 to RKEF185)
w
1
48.00
Maximum
Space between flanges* (RXEF110 to RXEF300, RKEF250 to RKEF500)
w
1
55.00
Maximum
Arbor hold diameter
c
26.0
± 12.0
Core diameter*
n
91.0
Maximum
Box
—
64/372/362
Maximum
Consecutive missing places
—
None
—
Empty places per reel
—
0.1%
Maximum
*Differs from EIA specification.
RXEF, BBRF and RKEF devices are available in tape and reel packaging per EIA468-B/IEC60286-2 standards.
See Figures R22 and R23 for details.
Table R7 Tape and Reel Specifications for Radial-leaded Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com