| 전자부품 데이터시트 검색엔진 |
|
MPX5100D 데이터시트(PDF) 1 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPX5100D 데이터시트(HTML) 1 Page - Freescale Semiconductor, Inc |
|
1 / 17 page ![]() MPX5100 Rev 13, 05/2010 Freescale Semiconductor © Freescale Semiconductor, Inc., 2005-2010. All rights reserved. Pressure Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated The MPX5100 series piezoresistive transducer is a state-of-the-art monolithic silicon pressure sensor designed for a wide range of applications, but particularly those employing a microcontroller or microprocessor with A/D inputs. This patented, single element transducer combines advanced micromachining techniques, thin-film metallization, and bipolar processing to provide an accurate, high level analog output signal that is proportional to the applied pressure. Features • 2.5% Maximum Error over 0 ° to 85°C • Ideally suited for Microprocessor or Microcontroller-Based Systems • Patented Silicon Shear Stress Strain Gauge • Available in Absolute, Differential and Gauge Configuration • Durable Epoxy Unibody Element • Easy-to-Use Chip Carrier Option ORDERING INFORMATION Device Name Case No. # of Ports Pressure Type Device Marking None Single Dual Gauge Differential Absolute Unibody Package (MPX5100 Series) MPX5100A 867 • • MPX5100A MPX5100AP 867B • • MPX5100AP MPX5100D 867 • • MPX5100D MPX5100DP 867C • • MPX5100DP MPX5100GP 867B • • MPX5100GP Small Outline Package (MPXV5100 Series) MPXV5100GC6U 482A • • MPXV5100G MPXV5100GC7U 482C • • MPXV5100G MPXV5100DP 1351 • • MPXV5100DP MPXV5100GP 1369 • • MPXV5100GP MPX5100 0 to 100 kPa (0 to 14.5 psi) 15 to 115 kPa (2.2 to 16.7 psi) 0.2 to 4.7 V Output MPXV5100 Series Typical Applications • Patient Monitoring • Process Control • Pump/Motor Control • Pressure Switching |
유사한 부품 번호 - MPX5100D |
|
유사한 설명 - MPX5100D |