전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SHT21 데이터시트(PDF) 11 Page - Sensitron

부품명 SHT21
상세설명  Humidity and Temperature Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SENSITRON [Sensitron]
홈페이지  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHT21 데이터시트(HTML) 11 Page - Sensitron

Back Button SHT21 Datasheet HTML 4Page - Sensitron SHT21 Datasheet HTML 5Page - Sensitron SHT21 Datasheet HTML 6Page - Sensitron SHT21 Datasheet HTML 7Page - Sensitron SHT21 Datasheet HTML 8Page - Sensitron SHT21 Datasheet HTML 9Page - Sensitron SHT21 Datasheet HTML 10Page - Sensitron SHT21 Datasheet HTML 11Page - Sensitron SHT21 Datasheet HTML 12Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Datasheet SHT21
www.sensirion.com
Version 1.0 – January 2010
11/12
9 Compatibility to SHT1x / 7x protocol
SHT2x sensors may be run by communicating with the
Sensirion specific communication protocol used for SHT1x
and SHT7x. In case such protocol is applied please refer
to the communication chapter of datasheet SHT1x or
SHT7x. Please note that reserved status bits of user
register must not be changed.
Please understand that with the SHT1x/7x communication
protocol only functions described in respective datasheets
can be used with the exception of the OTP reload function
that is not set to default on SHT2x. As an alternative to
OTP reload the soft reset may be used. Please note that
even if SHT1x/7x protocol is applied the timing values of
Table 5 and Table 7 as well as the calculation of physical
values in this SHT2x datasheet apply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12