| 전자부품 데이터시트 검색엔진 |
|
TVB200SC 데이터시트(PDF) 11 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
TVB200SC 데이터시트(HTML) 11 Page - Tyco Electronics |
|
11 / 12 page ![]() SiBar Thyristor 4 Raychem Circuit Protection SiBar Thyristor Surge Protectors 349 Table V8. Tape and Reel Specifications for SiBar Thyristor Surge Protectors SiBar thyristor devices are supplied on tape and reel per EIA481-1 standard. (See Figures V9 and V10 for details.) TVB Series TVA Series Description Dimensions (mm) Tolerance (mm) Dimensions (mm) Tolerance (mm) W 12 +/- 0.30 12 +/- 0.3 P0 4.0 +/- 0.10 4.0 +/- 0.10 P1 8.0 +/- 0.10 8.0 +/- 0.10 P2 2.0 +/- 0.10 2.0 +/- 0.10 A0 4.3 — 2.9 +/- 0.10 B0 6.2 — 5.59 +/- 0.10 B1 max. 8.2 — 8.2 — D0 1.5 + 0.1, -0.0 1.5 + 0.1, -0 F 5.5 +/- 0.05 5.5 +/- 0.05 E1 1.75 +/- 0.10 1.75 +/- 0.10 E2 min. 9.85 — 9.85 — T max. 0.6 — 0.6 — T1 max. 0.1 — 0.1 — K0 max. 2.59 +/- 0.10 2.36 +/- 0.10 Leader min. 390 — 390 — Trailer min. 160 — 160 — Cover tape Center lines of cavity T K0 D0 P2 P0 E1 Embossment E2 F W B0 A0 P1 T1 B1 Figure V9. EIA Referenced Taped Component Dimensions for SiBar Thyristor Surge Protectors |