전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPBT2532C2AT 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 SPBT2532C2AT
상세설명  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2AT 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button SPBT2532C2AT Datasheet HTML 13Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 14Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 15Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 16Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 17Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 18Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 19Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 20Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
SPBT2532C2.AT
Hardware design
Doc ID 16089 Rev 3
17/48
8.2
UART interface
The UART is compatible with the 16550 industry standard. Four signals are provided with
the UART interface. The TXD and RXD pins are used for data while the CTS and RTS pins
are used for flow control.
Figure 6.
Connection to host device
8.3
Typical circuit
Figure 7.
Typical RS232 circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48