| 전자부품 데이터시트 검색엔진 |
|
M68HC05 데이터시트(PDF) 83 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68HC05 데이터시트(HTML) 83 Page - Freescale Semiconductor, Inc |
|
83 / 128 page ![]() Instruction Set Instruction Types MC68HC05J1A — Rev. 3.0 Technical Data Instruction Set 9.4.2 Read-Modify-Write Instructions These instructions read a memory location or a register, modify its contents, and write the modified value back to the memory location or to the register. NOTE: Do not use read-modify-write operations on write-only registers. Table 9-2. Read-Modify-Write Instructions Instruction Mnemonic Arithmetic shift left (same as LSL) ASL Arithmetic shift right ASR Bit clear BCLR(1) 1. Unlike other read-modify-write instructions, BCLR and BSET use only direct addressing. Bit set BSET(1) Clear register CLR Complement (one’s complement) COM Decrement DEC Increment INC Logical shift left (same as ASL) LSL Logical shift right LSR Negate (two’s complement) NEG Rotate left through carry bit ROL Rotate right through carry bit ROR Test for negative or zero TST(2) 2. TST is an exception to the read-modify-write sequence because it does not write a replacement value. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |