| 전자부품 데이터시트 검색엔진 |
|
HT48R02N 데이터시트(PDF) 67 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT48R02N 데이터시트(HTML) 67 Page - Holtek Semiconductor Inc |
|
67 / 71 page ![]() Package Information 10-pin MSOP Outline Dimensions Symbol Dimensions in inch Min. Nom. Max. A ¾¾ 0.043 A1 0.000 ¾ 0.006 A2 0.030 0.033 0.037 B 0.007 ¾ 0.011 C ¾¾ 0.010 D ¾ 0.118 ¾ E ¾ 0.193 ¾ E1 ¾ 0.118 ¾ e ¾ 0.020 ¾ L 0.016 0.024 0.031 L1 ¾ 0.037 ¾ q 0 °¾ 8 ° Symbol Dimensions in mm Min. Nom. Max. A ¾¾ 1.10 A1 0.00 ¾ 0.15 A2 0.75 0.85 0.95 B 0.17 ¾ 0.27 C ¾¾ 0.25 D ¾ 3.00 ¾ E ¾ 4.90 ¾ E1 ¾ 3.00 ¾ e ¾ 0.50 ¾ L 0.40 0.60 0.80 L1 ¾ 0.95 ¾ q 0 °¾ 8 ° HT46R01B/02B/01N/02N HT48R01B/02B/01N/02N Rev.1.10 67 February 12, 2010 A 1 A E 1 e B A 2 R 0 . 1 0 ( 4 C O R N E R S ) L E C q D 1 5 6 1 0 L 1 |