| 전자부품 데이터시트 검색엔진 |
|
HT7938 데이터시트(PDF) 7 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT7938 데이터시트(HTML) 7 Page - Holtek Semiconductor Inc |
|
7 / 11 page ![]() Application Circuits Figure 8. Application Circuits for Driving 10S1P WLEDs Figure 9. Application Circuit for Dimming Control Using a DC Voltage Figure 10. Application Circuit for Dimming Control Using a Filtered PWM Signal HT7938 Rev 1.10 7 March 19, 2010 H T 7 9 3 8 V I N S W O V P F B 1 0 m H C O 1 m F R F B 1 0 W V I N 2 . 6 V ~ 5 . 5 V 1 N 5 8 1 9 1 0 L E D s E N G N D P W M S i g n a l C I N 1 m F H T 7 9 3 8 V I N E N S W O V P F B 1 0 m H G N D 1 N 5 8 1 9 1 0 k W 1 5 0 k W V I N 2 . 6 V ~ 5 . 5 V C I N 1 m F C O 1 m F R F B 1 0 W 1 0 L E D s V D C 0 V ~ 3 . 3 V H T 7 9 3 8 V I N E N S W O V P F B 1 0 m H G N D 1 N 5 8 1 9 1 0 k W P W M S i g n a l 1 5 0 k W 0 . 1 m F 1 0 k W 3 . 3 V 0 V V I N 2 . 6 V ~ 5 . 5 V C I N 1 m F C O 1 m F R F B 1 0 W 1 0 L E D s |