| 전자부품 데이터시트 검색엔진 |
|
HT86B70 데이터시트(PDF) 78 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT86B70 데이터시트(HTML) 78 Page - Holtek Semiconductor Inc |
|
78 / 83 page ![]() 28-pin SOP (300mil) Outline Dimensions · MS-013 Symbol Dimensions in inch Min. Nom. Max. A 0.393 ¾ 0.419 B 0.256 ¾ 0.300 C 0.012 ¾ 0.020 C ¢ 0.697 ¾ 0.713 D ¾¾ 0.104 E ¾ 0.050 ¾ F 0.004 ¾ 0.012 G 0.016 ¾ 0.050 H 0.008 ¾ 0.013 a 0 °¾ 8 ° Symbol Dimensions in mm Min. Nom. Max. A 9.98 ¾ 10.64 B 6.50 ¾ 7.62 C 0.30 ¾ 0.51 C ¢ 17.70 ¾ 18.11 D ¾¾ 2.64 E ¾ 1.27 ¾ F 0.10 ¾ 0.30 G 0.41 ¾ 1.27 H 0.20 ¾ 0.33 a 0 °¾ 8 ° HT86BXX/HT86BRXX Rev. 1.80 78 March 12, 2010 2 8 1 1 5 1 4 A B C D F C ' G H a E |