| 전자부품 데이터시트 검색엔진 |
|
AMT203 데이터시트(PDF) 8 Page - CUI INC |
|
|
|||||||||||||||||||||||||||||
AMT203 데이터시트(HTML) 8 Page - CUI INC |
|
8 / 8 page ![]() date page 04/2010 8 of 8 DATA Sampling: Position data is read from the AMT devices inside the encoder every 120 μs; it takes approximately 30 μs to transfer a byte of information so the breakdown is: 1) issue sample command: 30 μs 2) read 2 bytes of data: 60 μs 3) calculate, add zero offset, and save position: 30 μs The position inside the AMT device is sampled at the end of step 1, and it is 0 to 25 us delayed at that point. So the data inside the microprocessor is 95 to 120 μs delayed from the actual rotor position. The SPI interface is capable of 2 MHz operation, and the data read operation consists of a command byte followed by 3 or 4 byte read operations; this is 12 to 16 μs at the 2 MHz interface speed. So there is a delay of 95 to 120 μs for the data to be ready, and a delay of 12 or more μs for the user to transfer data from the encoder interface. 20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2380 www.cui.com PART NUMBER: DESCRIPTION: AMT203 12 BIT ABSOLUTE ENCODER |