전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

24FC128-E/P 데이터시트(PDF) 31 Page - Microchip Technology

부품명 24FC128-E/P
상세설명  128K I2C??CMOS Serial EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC128-E/P 데이터시트(HTML) 31 Page - Microchip Technology

Back Button 24FC128-E/P Datasheet HTML 27Page - Microchip Technology 24FC128-E/P Datasheet HTML 28Page - Microchip Technology 24FC128-E/P Datasheet HTML 29Page - Microchip Technology 24FC128-E/P Datasheet HTML 30Page - Microchip Technology 24FC128-E/P Datasheet HTML 31Page - Microchip Technology 24FC128-E/P Datasheet HTML 32Page - Microchip Technology 24FC128-E/P Datasheet HTML 33Page - Microchip Technology 24FC128-E/P Datasheet HTML 34Page - Microchip Technology 24FC128-E/P Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
 2010 Microchip Technology Inc.
DS21191S-page 31
24AA128/24LC128/24FC128
APPENDIX A: REVISION HISTORY
Revision L
Corrections to Section 1.0, Electrical Characteristics.
Revision M
Added 1.8V 400 kHz option for 24FC128.
Revision N
Revised Sections 2.1, 2.4 and 6.3. Removed 14-Lead
TSSOP Package.
Revision P
Changed 1.8V to 1.7V throughout document; Revised
Features Section; Replaced Package Drawings;
Revised Product ID Section.
Revision Q (June 2008)
Updated packaging; Added Chip Scale package.
Revision R (04/2009)
Updated Chip Scale package.
Revision S (05/2010)
Added TDFN Package; Updated Package Drawings
and Product ID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com