| 전자부품 데이터시트 검색엔진 |
|
25LC512-E/MF 데이터시트(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
25LC512-E/MF 데이터시트(HTML) 33 Page - Microchip Technology |
|
33 / 36 page ![]() 2010 Microchip Technology Inc. DS22065C-page 33 25LC512 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX Package Tape & Reel Device Device: 25LC512 512 Kbit, 2.5V, 128-Byte Page SPI Serial EEPROM Tape & Reel: Blank = T= Standard packaging (tube) Tape & Reel Temperature Range: I= E= -40 C to+85C -40 C to+125C Package: MF = P= SN = SM = Micro Lead Frame (6 x 5 mm body), 8-lead Plastic DIP (300 mil body), 8-lead Plastic SOIC (3.90 mm body), 8-lead Plastic SOIJ (5.28 mm body), 8-lead Examples: a) 25LC512-I/SM = 512 Kbit, 2.5V Serial EEPROM, Industrial temp., SOIJ package b) 25LC512-I/P = 512 Kbit, 2.5V Serial EEPROM, Industrial temp., PDIP package c) 25LC512T-E/MF = 512 Kbit, 2.5V Serial EEPROM, Extended temp., Tape & Reel, DFN package – X Temp Range |