전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

25LC1024-E/MF 데이터시트(PDF) 31 Page - Microchip Technology

부품명 25LC1024-E/MF
상세설명  1 Mbit SPI Bus Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC1024-E/MF 데이터시트(HTML) 31 Page - Microchip Technology

Back Button 25LC1024-E/MF Datasheet HTML 26Page - Microchip Technology 25LC1024-E/MF Datasheet HTML 27Page - Microchip Technology 25LC1024-E/MF Datasheet HTML 28Page - Microchip Technology 25LC1024-E/MF Datasheet HTML 29Page - Microchip Technology 25LC1024-E/MF Datasheet HTML 30Page - Microchip Technology 25LC1024-E/MF Datasheet HTML 31Page - Microchip Technology 25LC1024-E/MF Datasheet HTML 32Page - Microchip Technology 25LC1024-E/MF Datasheet HTML 33Page - Microchip Technology 25LC1024-E/MF Datasheet HTML 34Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
 2010 Microchip Technology Inc.
DS22064D-page 31
25LC1024
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Tape & Reel
Device
Device:
25LC1024
1 Mbit, 2.5V, SPI Serial EEPROM
Tape & Reel:
Blank =
T=
Standard packaging (tube)
Tape & Reel
Temperature
Range:
I=
E=
-40
C to+85C
-40
C to+125C
Package:
MF
=
P=
SM
=
Micro Lead Frame (6 x 5 mm body), 8-lead
Plastic DIP (300 mil body), 8-lead
Plastic SOIJ (5.28 mm), 8-lead
Examples:
a)
25LC1024-I/P = 1 Mbit, 2.5V Serial EEPROM,
Industrial temp., P-DIP package
b)
25LC1024T-E/MF = 1 Mbit, 2.5V Serial
EEPROM, Extended temp., Tape & Reel, DFN
package
–
X
Temp Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34