| 전자부품 데이터시트 검색엔진 |
|
25LC1024-E/SM 데이터시트(PDF) 31 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
25LC1024-E/SM 데이터시트(HTML) 31 Page - Microchip Technology |
|
31 / 34 page ![]() 2010 Microchip Technology Inc. DS22064D-page 31 25LC1024 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX Package Tape & Reel Device Device: 25LC1024 1 Mbit, 2.5V, SPI Serial EEPROM Tape & Reel: Blank = T= Standard packaging (tube) Tape & Reel Temperature Range: I= E= -40 C to+85C -40 C to+125C Package: MF = P= SM = Micro Lead Frame (6 x 5 mm body), 8-lead Plastic DIP (300 mil body), 8-lead Plastic SOIJ (5.28 mm), 8-lead Examples: a) 25LC1024-I/P = 1 Mbit, 2.5V Serial EEPROM, Industrial temp., P-DIP package b) 25LC1024T-E/MF = 1 Mbit, 2.5V Serial EEPROM, Extended temp., Tape & Reel, DFN package – X Temp Range |