| 전자부품 데이터시트 검색엔진 |
|
PIC12F629-E/P 데이터시트(PDF) 97 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F629-E/P 데이터시트(HTML) 97 Page - Microchip Technology |
|
97 / 136 page ![]() 2010 Microchip Technology Inc. DS41190G-page 97 PIC12F629/675 TABLE 12-2: PRECISION INTERNAL OSCILLATOR PARAMETERS Param No. Sym Characteristic Freq. Tolerance Min Typ† Max Units Conditions F10 FOSC Internal Calibrated INTOSC Frequency 1 3.96 4.00 4.04 MHz VDD = 3.5V, 25 C 2 3.92 4.00 4.08 MHz 2.5V VDD 5.5V 0 C TA +85C 5 3.80 4.00 4.20 MHz 2.0V VDD 5.5V -40 C TA +85C (IND) -40 C TA +125C (EXT) F14 TIOSCST Oscillator Wake-up from Sleep start-up time* —— 6 8 sVDD = 2.0V, -40C to +85C —— 4 6 sVDD = 3.0V, -40C to +85C —— 3 5 sVDD = 5.0V, -40C to +85C * These parameters are characterized but not tested. † Data in “Typ” column is at 5.0V, 25 C unless otherwise stated. These parameters are for design guidance only and are not tested. |